PART |
Description |
Maker |
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
100HF160FV 100HFR100FVPBF 130HFR100FV 100HF60FVPBF |
100 A, 1600 V, SILICON, RECTIFIER DIODE 100 A, 1000 V, SILICON, RECTIFIER DIODE 130 A, 1000 V, SILICON, RECTIFIER DIODE 100 A, 600 V, SILICON, RECTIFIER DIODE
|
|
BCR151T BCR151 BCR151F BCR151L3 BCR151L3E6327 BCR1 |
CAP METAL POLYPRO .020UF 630V 3% PNP Silicon Digital Transistor Single digital (Built-In Resistor) AF-Transistors in TSLP-3 Package Digital Transistors - R1=100 kOhm R2=100 kOhm Digital Transistors - R1= 100 kOhm ; R2= 100 kOhm
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
M5060TB400 M5060SB1600 M5060THA1200 M50100CC600 M5 |
3 PHASE, 60 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE ROHS COMPLIANT PACKAGE-5 Power Module 60 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 60 A, 1200 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT PACKAGE-4 100 A, 600 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT PACKAGE-4 3 PHASE, 100 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 100 A, 1200 V, SILICON, RECTIFIER DIODE 60 A, 400 V, SILICON, RECTIFIER DIODE 100 A, 400 V, SILICON, RECTIFIER DIODE 60 A, 1600 V, SILICON, RECTIFIER DIODE
|
Crydom, Inc. CRYDOM CORP
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
SDR522CTS.5TXV SDR520CT SDR520CTGS SDR520CTGTX SDR |
6 A, 100 V, SILICON, RECTIFIER DIODE 12A 28nsec 100 to 200 V Hyper Fast Center tap Rectifier
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
SDR620CAM SDR620CAZ SDR620DZ |
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid State Devices, Inc.
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
SED60KB100 |
60 AMP 100 VOLTS SCHOTTKY RECTIFIER 60 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
FM4007C FM4006C FM4001C FM4005C FM4002C |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AB SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
|
RECTRON LTD Rectron Semiconductor
|
|